Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download FCS-3305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FCS-3305 version: 1 power supply unit is to be ordered separately. zoom dome ip network camera, h.265, 5-megapixel, 802.3af poe, ir leds, indoor/outdoor, 2.8x optical zoom, vandalproof, two-way audio the levelone FCS-3305 fixed dome outdoor camera offers a highly reliable, cost-effective outdoor ip surveillance solution in a low-profile dome mounted casing, which is rated at ip66 and able to withstand outdoor operating conditions such as rain, snow, extreme heat, dust and humidity. the FCS-3305 offers 5-megapixel resolution, and with 802.3af standard poe, can use a single cat.5 cable to run both power and data, making deployments easy and flexible. the dome mounting prevents malicious tampering with the camera, making it a secure and smart choice for all outdoor installations. key features - 5-megapixel high-definition resolution - video compression: h.264, h.265 - built-in infrared leds for night viewing up to 30m - vandal-proof ik10-rated housing - supports 2.8x optical zoom - dual power support: 12v dc/poe (ieee 802.3af) - weatherproof ip66-rated housing specifications system specifications standards & protocols: ipv4, ipv6, tcp, udp, http, https, smtp, ftp, ntp, dns, ddns, dhcp, dips, arp, bonjour, upnp,rtsp, rtp, rtcp, igmp, pppoe, cos, icmp, snmp, qos image sensor: 1/1.8" progressive scan cmos lens: zoom, f3.6 - 10mm / f1.5 - 2.8, p-iris port: 1 x 10/ 100 mbps poe 802.af 1 x di/do (terminal block) 1 x line in/out terminal block) 1 x dc 12v (terminal block) www.level1.com page 1 of 3
button/knob: reset indicator: power ir cut filter: support ir led: 30 meter shutter time: 1/5 ~ 1/16,000 sec (manual mode) angle of view: 79.5 - 38.1 video compression: h.265, h.264, mjpeg resolution: 30 fps at 2592 x1944; 30 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 960; 30 fps at 1280 x 720; 30 fps at 800 x 600; 30 fps at 640 x 480; 30 fps at 320 x 240 output video format: raw audio compression: mono, pcm, g.711 power input: dc 12v, poe(802.3af) power consumption: 8w data rate: 128 kbps - 20 mbps (per stream) (per stream) storage capacity: microsdhc/sdxc memory card slot optical zoom: 2.8x optical zoom features general: extreme wdr (100 db); white balance: automatic, manual, hold; brightness; digital image stabilizer contrast; sharpness (auto); auto gain control; 2d + 3d digital noise reduction; defogging poe: ieee 802.3af (poe class3) security: ip address filtering; https encryption; password protected user levels; anonymous login management: camera tampering; video motion detection (3 regions); external device through digital input; sound detection video: mirror, flip, rotation, simultaneous triple streams, 4 configurable regions performance www.level1.com page 2 of 3
number of clients: 16 frame rate (fps): 30 fps at 2592 x1944; 30 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 960; 30 fps at 1280 x 720; 30 fps at 800 x 600; 30 fps at 640 x 480; 30 fps at 320 x 240 minimum illumination: color: 0.1 lux at f1.5 (30 ire, 2400k); b/w: 0.05 lux (ir led on) environment operating temperature (c): operating temperature:40c ~ 50c (-40f ~ 122f) starting temperature:-20c ~ 50c (-4f ~ 122f) within 30 minutes operating humidity (non-condensing): 20% ~ 80% rh physical specifications dimensions (w x d x h mm): 139.95 x 131.17mm (5.5" x 5.2") weight (g): 880g (1.94lb) color: white approval and compliance emi/ems: ce/fcc safety: ik10 environmental test: ip66 others: onvif,manufactured in iso-9001 and iso-14001 certified factory others supported browsers: internet explorer 8.0 or newer (full functionality) safari with quicktime installed, and other browsers with vlc installed (partial functionality) order information FCS-3305 package contents FCS-3305 resource cd (user manual, utility, 64-ch monitoring software) screw kit no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of FCS-3305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X